Part Number Hot Search : 
11EFS2 2G153K 0LT1G S5128 P3055L XC4000D KIA6901F 00906
Product Description
Full Text Search
 

To Download SRS2030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 144 - srs2020 thru srs2060 20.0 amps. schottky barrier rectifiers voltage range 20 to 60 volts current 20.0 amperes features for surface mounted application low forward voltage drop high current capability high reliability high surge current capabilit y mechanical data cases: d 2 pak molded plastic epoxy: ul 94v-0 rate flame retardant terminals: lead solderable per mil-std-202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 o c/10 seconds at terminals weight: 1.70 grams d 2 pak dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol srs 2020 srs 2030 srs 20 4 0 srs 2050 srs 2060 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum avera g e forward rectified current see fig. 1 i (av) 20.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 250 a maximum instantaneous forward voltage @ 10.0a v f 0.55 0.70 v maximum d.c. reverse current @ tc=25 at rated dc blocking voltage @ tc=100 i r 1.0 50 ma ma typical thermal resistance (note 1) r jc 1.5 /w typical junction capacitance (note 2) cj 600 400 pf operating junction temperature range t j -65 to +125 -65 to +150 storage temperature range t stg -65 to+150 notes: 1 . thermal resistance from junction to case per leg 2. measured at 1mhz and applied reverse voltage of 4.0v d.c.
- 145 - ratings and characteristic curves (srs2020 thru srs2060) fig.3- typical reverse characteristics per leg instantaneous reverse current . (ma) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 tj=75 c 0 fig.1- forward current derating curve average for ward current . (a) 0 50 100 150 0 4.0 8.0 12.0 16.0 20.0 case temperature. ( c) o s r s 2050-60 srs2020-40 fig.2- maximum non-repetitive peak forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 25 50 200 150 100 250 300 number of cycles at 60hz 8.3ms single half sine wave per leg. (jedec method) tj=tj max. fig.4- typical forward characteristics per leg instantaneous for ward current . (a) .2 .3 .4 .5 .6 .7 .8 .9 0.1 1.0 10 100 instantaneous forward voltage. (v) s r s 20 5 0 -60 srs2020-2040 tj=25 c pulse width-300 s 1% duty cycle 0 fig.5- typical junction capacitance per leg junction cap acitance.(pf) 0.1 1.0 0.4 4 10 40 80100 100 200 400 600 800 2000 1000 4000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 srs2050-60 srs2020-40


▲Up To Search▲   

 
Price & Availability of SRS2030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X